Part Number Hot Search : 
0200CT SK4D2 1N539 EN3582 7M100V10 C1608 SG3501A MJH6287
Product Description
Full Text Search
 

To Download L2SD2114KXLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Epitaxial planar type NPN silicon transistor
Features 1) High DC current gain. hFE = 1200 (Typ.) 2) High emitter-base voltage. VEBO =12V (Min.) www..com 3) Low VCE(sat). VCE (sat) = 0.18V (Typ.) (IC / IB = 500mA / 20mA)
4) Pb-Free package is available.
L2SD2114K*LT1
3
1 2
SOT- 23 (TO-236AB)
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC Limits 25 20 12 0.5 1 0.2 150 -55+150 Unit V V V A(DC) A(Pulse) W C C
1 BASE
COLLECTOR 3
2 EMITTER
PC Tj Tstg
Single pulse Pw=100ms
Electrical characteristics (Ta=25C)
Parameter
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Output On-resistance
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Ron
Min. 25 20 12 - - - 820 - - -
Typ. - - - - - 0.18 - 350 8.0 0.8
Max. - - - 0.5 0.5 0.4 2700 - - -
Unit V V V A A V - MHz pF pF IC=10A IC=1mA IE=10A VCB=20V VEB=10V
Conditions
IC/IB=500mA/20mA VCE=3V, IC=10mA VCE=10V, IE=-50mA, f=100MHz VCB=10V, IE=0A, f=1MHz IB=1mA, Vi=100mV(rms), f=1kHz
Measured using pulse current
h FE Values Classification, Device Marking and Ordering Information
Device L2SD2114KVLT1 L2SD2114KVLT1G L2SD2114KWLT1 L2SD2114KWLT1G hFE 820~1800 820~1800 1200~2700 1200~2700 Marking BV BV (Pb-Free) BW BW (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel
L2SD2114K*LT1-1/4
LESHAN RADIO COMPANY, LTD.
L2SD2114K*LT1
Electrical characteristic curves
2.0 Ta=25C 1.6A 1.6 2.0A 1.8A 1.2 1.4A 1.2A 1.0A 0.8A 0.8 0.6A 0.4 0.4A 0.2A 0 0 IB=0 0.1 0.2 0.3 0.4 0.5
1000
COLLECTOR CURRENT : IC(mA)
COLLECTOR CURRENT : IC(mA)
800
1.2mA 1.0mA
COLLECTOR CURRENT : IC(mA)
1.8mA 2.0mA 1.6mA 1.4mA
1000 500 200 100 50 20 10 5 2 1 0 0.2 0.4 0.6 0.8
Ta=100C 25C -25C
VCE=3V Measured using pulse current.
600
0.8mA 0.6mA
400
0.4mA 0.2mA
www..com
200
0 0
2
Ta=25C Measured using IB=0mA pulse current. 4 6 8 10
1.0
1.2
1.4
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
BASE TO EMITTER VOLTAGE : VBE(V)
Fig.1 Grounded emitter output characteristics()
Fig.2 Grounded emitter output characteristics()
Fig.3 Grounded emitter propagation characteristics
COLLECTOR SATURATION VOLTAGE : VCE(sat)(mV)
10000 5000
DC CURRENT GAIN : hFE
2000 1000 500 200 100 50 20 10 1 2 5 10 20
DC CURRENT GAIN : hFE
Ta=25C Measured using pulse current. VCE=5V
10000 5000 2000 1000 500 200 100 50 20
Ta=100C 25C -25C
VCE=3V Measured using pulse current.
2000 1000 500 200 100 50 20 10 5 2 1 2 5 10 20 IC/IB=100 50 25 10
Ta=25C Measured using pulse current.
3V 1V
50 100 200 500 1000
10
1
2
5
10 20
50 100 200
500 1000
50 100 200 5001000
COLLECTOR CURRENT : IC(mA)
COLLECTOR CURRENT : IC(mA)
COLLECTOR CURRENT : IC(mA)
Fig.4 DC current gain vs. collector current()
Fig.5 DC current gain vs. collector current()
Fig.6 Collector-emitter saturation voltage vs. collector current()
COLLECTOR SATURATION VOLTAGE : VCE(sat)(mV)
2000 1000 500 200 100 50 20 10 5 2 1 2 5 10 20
Ta=100C 25C -25C
BASE SATURATION VOLTAGE : VBE(sat) (mV)
BASE SATURATION VOLTAGE : VBE(sat)(mV)
IC/IB=25 Measured using pulse current.
10000 5000 2000 1000 500 200 100 50 20 10 1 2 5 10 20
Ta=25C Pulsed
IC/IB=10 25 50 100
10000 5000 2000 1000 500 200 100 50 20 10 1 2 5 10 20 Ta=-25C 25C 100C
lC/lB=10 Measured using pulse current.
50 100 200 5001000
50 100 200
500 1000
50 100 200
5001000
COLLECTOR CURRENT : IC(mA)
COLLECTOR CURRENT : IC(mA)
COLLECTOR CURRENT : IC(mA)
Fig.7 Collector-emitter saturation voltage vs. collector current()
Fig.8 Base-emitter saturation voltage vs. collector current()
Fig.9 Base-emitter saturation voltage vs. collector current()
L2SD2114K*LT1-2/4
LESHAN RADIO COMPANY, LTD.
L2SD2114K*LT1
COLLECTOR OUTPUT CAPACITANCE : Cob(pF)
10000
TRANSITION FREQUENCY : fT (MHz)
5000 2000 1000 500 200 100 50 20 10 -1 -2 -5 -10 -20
200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10 20 50 100
ON RESISTANCE : Ron()
Ta=25C VCE=10V Measured using pulse current.
1000 500
100
Ta=25C f=1MHz IE=0A
50 20 10 5 2 1 0.5 0.2 0.1 0.01 0.02 0.05 0.1 0.2 0.5
Ta=25C f=1kHz Vi=100mV(rms) RL=1k
www..com
-50 -100 -200 -500 -1000
1
2
5
10
EMITTER CURRENT : IE(mA)
COLLECTOR TO BASE VOLTAGE : VCB(V)
BASE CURRENT : IB(mA)
Fig.10 Gain bandwidth product vs. emitter current
Fig.11 Collector output capacitance vs. collector-base voltage
Fig.12 Output-on resistance vs. base current
Ron measurement circuit
RL=1k Input vi 1kHz 100mV(rms)
IB
V Output
v0
Ron=
v0 vi-v0
xRL
L2SD2114K*LT1-3/4
LESHAN RADIO COMPANY, LTD.
L2SD2114K*LT1
SOT-23
NOTES:
www..com
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. ANODE 2. NO CONNECTION 3. CATHODE
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L2SD2114K*LT1-4/4


▲Up To Search▲   

 
Price & Availability of L2SD2114KXLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X